Part Number Hot Search : 
945ETTS 2SD13 RPM2AP9 CPE80 AEL60 475K0 R1A10 1615E
Product Description
Full Text Search
 

To Download BRF2N65 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BRF2N65 rev.e dec.-2015 data sheet http://www.fsbrec.com 1 / 6 to-220f ?? n mos ?? n-channel mosfet in a to-220f plastic package. ?,?,??? low gate charge, low crss, fast switching. ?? dc/dc ???? these devices are well suited for high efficiency switching dc/dc c onverters and switch mode power supplies. pin1 g pin 2 d pin 3 s ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
BRF2N65 rev.e dec.-2015 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit drain-source voltage v dss 650 v drain current i d (tc=25 ) 2.0 a drain current i d (tc=100 ) 1.35 a drain current - pulsed i dm 8.0 a gate-source voltage v gss 30 v single pulsed avalanche energy e as 120 mj repetitive avalanche energy e ar 5.4 mj avalanche current i ar 2.0 a power dissipation p d (tc=25 ) 23 w operating and storage temperature range t j ,t stg -55 to 150 parameter symbol test conditions ? min ? typ ? max unit drain-source breakdown voltage bv dss v gs =0v i d =250 a 650 v zero gate voltage drain current i dss v ds =600v v gs =0v 1.0 a v ds =480v t c =125 100 a gate-body leakage current, forward i gss v gs =30v v ds =0v 0.1 a gate threshold voltage v gs(th) v ds =v gs i d =250 a 2.0 4.0 v static drain-source on-resistance r ds(on) v gs =10v i d =1.0a 5.6 6.5 ? forward transconductance g fs v ds =40v i d =1.0a 5.0 s drain-source diode forward v oltage v sd v gs =0v i s =2.0a 1.4 v input capacitance c iss v ds =25v v gs =0v f=1.0mhz 320 420 pf output capacitance c oss 35 46 pf reverse transfer capacitance c rss 4.5 6.0 pf turn-on delay time t d(on) v dd =300v i d =2.0a r g =25 ? 8.0 30 ns turn-on rise time t r 23 60 ns turn-off delay time t d(off) 25 60 ns turn-off fall time t f 28 70 ns ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
BRF2N65 rev.e dec.-2015 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
BRF2N65 rev.e dec.-2015 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
BRF2N65 rev.e dec.-2015 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br ?? 2n65   ??? ****  ???? note: br:   company code 2n65: product type. ****:  lot no. code, code change with lot no. br **** 2n65
BRF2N65 rev.e dec.-2015 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of BRF2N65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X